Part Number Hot Search : 
RM732LC4 AVR1010 D1N4148 EDZ20B FZT853TA 2SK3892 1206L150 CX373T
Product Description
Full Text Search
 

To Download ACS713ELCTR-30A-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor

Features and Benefits

Low-noise analog signal path Device -3 dB point is set via the new FILTER pin Total output error 1.5% at TA= 25C, 4% at -40C to 85C Small footprint, low-profile SOIC8 package 1.2 m internal conductor resistance 2.1 kVRMS minimum isolation voltage from pins 1-4 to pins 5-8 5.0 V, single supply operation 50 kHz bandwidth 133 to 185 mV/A output sensitivity 5 s output rise time in response to step input current Output voltage proportional to sensed DC current Factory-trimmed for accuracy Extremely stable output offset voltage Nearly zero magnetic hysteresis Ratiometric output from supply voltage
Description
The Allegro(R) ACS713 provides economical and precise solutions for DC current sensing in industrial, automotive, commercial, and communications systems. The device package allows for easy implementation by the customer. Typical applications include motor control, load detection and management, switched-mode power supplies, and overcurrent fault protection. The device consists of a precise, low-offset, linear Hall sensor circuit with a copper conduction path located near the surface of the die. Applied current flowing through this copper conduction path generates a magnetic field which is sensed by the integrated Hall IC and converted into a proportional voltage. Device accuracy is optimized through the close proximity of the magnetic signal to the Hall transducer. A precise, proportional voltage is provided by the low-offset, chopper-stabilized BiCMOS Hall IC, which is programmed for accuracy after packaging. The output of the device has a positive slope (>VIOUT(Q)) when an increasing current flows through the primary copper conduction path (from pins 1 and 2, to pins 3 and 4), which is the path used for current sensing. The internal resistance of this conductive path is 1.2 m typical, providing low power
Continued on the next page...
Package: 8 Lead SOIC (suffix LC)
Approximate Scale 1:1
Typical Application
1 2 IP 3 4
IP+
VCC
8 7 VOUT
+5 V CBYP 0.1 F
IP+ VIOUT ACS713 IP- FILTER IP- GND
6 5 CF
Application 1. The ACS713 outputs an analog signal, VOUT . that varies linearly with the unidirectional DC primary sensed current, IP , within the range specified. CF is recommended for noise management, with values that depend on the application.
ACS713-DS
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
The ACS713 is provided in a small, surface mount SOIC8 package. The leadframe is plated with 100% matte tin, which is compatible with standard lead (Pb) free printed circuit board assembly processes. Internally, the device is Pb-free, except for flip-chip high-temperature Pb-based solder balls, currently exempt from RoHS. The device is fully calibrated prior to shipment from the factory.
Description (continued) loss. The thickness of the copper conductor allows survival of the device at up to 5x overcurrent conditions. The terminals of the conductive path are electrically isolated from the sensor leads (pins 5 through 8). This allows the ACS713 current sensor to be used in applications requiring electrical isolation without the use of opto-isolators or other costly isolation techniques. Selection Guide
Part Number ACS713ELCTR-0A-T ACS713ELCTR-30A-T Packing* Tape and reel, 3000 pieces/reel Tape and reel, 3000 pieces/reel
TOP (C) -40 to 85 -40 to 85
Optimized Range, IP (A) 0 to 0 0 to 30
Sensitivity, Sens (Typ) (mV/A) 185 133
*Contact Allegro for additional packing options.
Absolute Maximum Ratings
Characteristic Supply Voltage Reverse Supply Voltage Output Voltage Reverse Output Voltage Output Current Source Output Current Sink Overcurrent Transient Tolerance Maximum Transient Sensed Current Nominal Operating Ambient Temperature Maximum Junction Storage Temperature Symbol VCC VRCC VIOUT VRIOUT IOUT(Source) IOUT(Sink) IP IR(max) TA TJ(max) Tstg 100 total pulses, 50 ms duration each, applied at a rate of 1 pulse every 100 seconds. Junction Temperature, TJ < TJ(max) Range E Notes Rating 8 -0.1 8 -0.1 3 10 60 100 -40 to 85 165 -65 to 170 Units V V V V mA mA A A C C C
TUV America Certificate Number: U8V 06 05 5414 010
Parameter Fire and Electric Shock
Specification
CAN/CSA-C. No. 60950-1-03 UL 60950-1:003 EN 60950-1:001
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Functional Block Diagram
+5 V VCC (Pin 8)
Hall Current Drive IP+ (Pin 1)
Sense Temperature Coefficient Trim
Dynamic Offset Cancellation
IP+ (Pin 2)
Signal Recovery
VIOU T (Pin 7)
IP- (Pin 3) IP- (Pin 4)
Sense Trim 0 Ampere Offset Adjust
GND (Pin 5)
FILTER (Pin 6)
Pin-out Diagram
IP+ IP+ IP- IP- 1 2 3 4 8 7 6 5 VCC VIOUT FILTER GND
Terminal List Table
Number 1 and 3 and 4 5 6 7 8 Name IP+ IP- GND FILTER VIOUT VCC Description Input terminals for current being sensed; fused internally Output terminals for current being sensed; fused internally Signal ground terminal Terminal for external capacitor that sets bandwidth Analog output signal Device power supply terminal
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
3
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
COMMON OPERATING CHARACTERISTICS1 over full range of TOP, and VCC = 5 V, unless otherwise specified
Characteristic Supply Voltage Supply Current Supply Zener Clamp Voltage Output Resistance Output Capacitance Load Output Resistive Load Primary Conductor Resistance RMS Isolation Voltage DC Isolation Voltage Propagation Time Response Time Rise Time Frequency Bandwidth Nonlinearity Symmetry Zero Current Output Voltage Magnetic Offset Error Clamping Voltage Symbol VCC ICC VZ RIOUT CLOAD RLOAD RPRIMARY VISORMS VISODC tPROP tr f ELIN ESYM VIOUT(Q) VERROM VCH VCL Power-On Time Magnetic
1Device
Test Conditions
Min. 4.5
Typ. 5.0 8 8.3 1 - - 1. - 5000 3 7 5 - 1 100 VCC x 0.1 0
Max. 5.5 11 - 10 - - - - - - - - 1.5 10 - -
Units V mA V nF k m V V s s s kHz % % V mV mV mV s G/A k
ELECTRICAL CHARACTERISTICS VCC = 5.0 V, output open ICC = 11 mA, TA = 5C IIOUT = 1. mA, TA=5C VIOUT to GND VIOUT to GND TA = 5C Pins 1-4 and 5-8; 60 Hz, 1 minute, TA=5C Pins 1-4 and 5-8; 1 minute, TA=5C IP = IP(max), TA = 5C, COUT = 10 nF IP = IP(max), TA = 5C, COUT = 10 nF -3 dB, TA = 5C; IP is 10 A peak-to-peak Over full range of IP , IP applied for 5 ms Over full range of IP , IP applied for 5 ms Unidirectional; IP = 0 A, TA = 5C IP = 0 A, after excursion of 0 A 6 6 - - 4.7 - 100 - - - - 50 - 98 - - Typ. -110 Typ. -110 Output reaches 90% of steady-state level, no capacitor on FILTER pin; TJ = 5; 0 A present on leadframe - - RF(INT)
tRESPONSE IP = IP(max), TA = 5C, COUT = 10 nF
VCC x Typ. +110 0.9375 VCC x Typ. +110 0.065 35 1 1.7 - -
tPO
Coupling
Internal Filter Resistance3
may be operated at higher primary current levels, IP, and ambient, TA , and internal leadframe temperatures, TOP , provided that the Maximum Junction Temperature, TJ(max), is not exceeded. 1G = 0.1 mT. 3R F(INT) forms an RC circuit via the FILTER pin.
COMMON THERMAL CHARACTERISTICS1
Min. Operating Internal Leadframe Temperature Junction-to-Lead Thermal Resistance Junction-to-Ambient Thermal Resistance,3
1Additional The Allegro
Typ. -
Max. 85 Value 5 3
Units C Units C/W C/W
TOP RJL RJA
E range Mounted on the Allegro ASEK 713 evaluation board
-40
Mounted on the Allegro 85-03 evaluation board, includes the power consumed by the board
thermal information is available on the Allegro website. evaluation board has 1500 mm of oz. copper on each side, connected to pins 1 and , and to pins 3 and 4, with thermal vias connecting the layers. Performance values include the power consumed by the PCB. Further details on the board are available from the Frequently Asked Questions document on our website. Further information about board design and thermal performance also can be found in the Applications Information section of this datasheet. 3R JA values shown in this table are typical values, measured on the Allegro evaluation board. The actual thermal performance depends on the actual application board design, the airflow in the application, and thermal interactions between the sensor and surrounding components through the PCB and the ambient air. To improve thermal performance, see our applications material on the Allegro website.
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
4
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
x20A PERFORMANCE CHARACTERISTICS TOP = -40C to 85C1; VCC = 5 V, unless otherwise specified
Characteristic Optimized Accuracy Range Sensitivity Symbol IP SensTA SensTOP Over full range of IP , IP applied for 5ms; TA = 5C Over full range of IP , IP applied for 5 ms Peak-to-peak, TA= 5C, 0 kHz external filter, 185 mV/A programmed Sensitivity, CF = 4.7 nF, COUT = 10 nF, 0 kHz bandwidth Noise VNOISE(PP) Peak-to-peak, TA = 5C, kHz external filter, 185 mV/A programmed Sensitivity, CF = 47 nF, COUT = 10 nF, kHz bandwidth Peak-to-peak, TA = 5C, 185 mV/A programmed Sensitivity, CF = 1 nF, COUT = 10 nF, 50 kHz bandwidth Electrical Offset Voltage Total Output Error3
1Device
Test Conditions
Min. 0 - 179.5 - - - -40 -
Typ. - 185 - 50 17 80 - 1.5
Max. 0 - 190.5 - - - 40 -
Units A mV/A mV/A mV mV mV mV %
VOE(TOP) ETOT
IP = 0 A IP = 0 A , IP applied for 5 ms; TA = 5C
may be operated at higher primary current levels, IP, and ambient temperatures, TOP, provided that the Maximum Junction Temperature, TJ(max), is not exceeded. At -40C Sensitivity may shift as much 9% outside of the datasheet limits. 3Percentage of I , with I = 0 A. Output filtered. P P
x30A PERFORMANCE CHARACTERISTICS TOP = -40C to 85C1; VCC = 5 V, unless otherwise specified
Characteristic Optimized Accuracy Range Sensitivity Symbol IP SensTA SensTOP Over full range of IP , IP applied for 5ms; TA = 5C Over full range of IP , IP applied for 5 ms Peak-to-peak, TA= 5C, 0 kHz external filter, 133 mV/A programmed Sensitivity, CF = 4.7 nF, COUT = 10 nF, 0 kHz bandwidth Noise VNOISE(PP) Peak-to-peak, TA = 5C, kHz external filter, 133 mV/A programmed Sensitivity, CF = 47 nF, COUT = 10 nF, kHz bandwidth Peak-to-peak, TA = 5C, 133 mV/A programmed Sensitivity, CF = 1 nF, COUT = 10 nF, 50 kHz bandwidth Electrical Offset Voltage Total Output Error3
1Device
Test Conditions
Min. 0 - 19 - - - -30 -
Typ. - 133 - 33 10 5 - 1.5
Max. 30 - 137 - - - 30 -
Units A mV/A mV/A mV mV mV mV %
VOE(TOP) ETOT
IP = 0 A IP = 30 A , IP applied for 5 ms; TA = 5C
may be operated at higher primary current levels, IP, and ambient temperatures, TOP, provided that the Maximum Junction Temperature, TJ(max), is not exceeded. At -40C Sensitivity may shift as much 9% outside of the datasheet limits. 3Percentage of I , with I = 30 A. Output filtered. P P
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
5
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Definitions of Accuracy Characteristics
Sensitivity (Sens). The change in sensor output in response to a 1 A change through the primary conductor. The sensitivity is the product of the magnetic circuit sensitivity (G / A) and the linear IC amplifier gain (mV/G). The linear IC amplifier gain is programmed at the factory to optimize the sensitivity (mV/A) for the full-scale current of the device. Noise (VNOISE). The product of the linear IC amplifier gain (mV/G) and the noise floor for the Allegro Hall effect linear IC (1 G). The noise floor is derived from the thermal and shot noise observed in Hall elements. Dividing the noise (mV) by the sensitivity (mV/A) provides the smallest current that the device is able to resolve. Linearity (ELIN). The degree to which the voltage output from the sensor varies in direct proportion to the primary current through its full-scale amplitude. Nonlinearity in the output can be attributed to the saturation of the flux concentrator approaching the full-scale current. The following equation is used to derive the linearity:
100 1-
causes. To convert this voltage to amperes, divide by the device sensitivity, Sens. Accuracy (ETOT). The accuracy represents the maximum deviation of the actual output from its ideal value. This is also known as the total ouput error. The accuracy is illustrated graphically in the output voltage versus current chart on the following page. Accuracy is divided into four areas: * 0 A at 25C. Accuracy of sensing zero current flow at 25C, without the effects of temperature. * 0 A over temperature. Accuracy of sensing zero current flow including temperature effects. * Full-scale current at 25C. Accuracy of sensing the full-scale current at 25C, without the effects of temperature. * Full-scale current over temperature. Accuracy of sensing fullscale current flow including temperature effects. Ratiometry. The ratiometric feature means that its 0 A output, VIOUT(Q), (nominally equal to 0.1 x VCC) and sensitivity, Sens, are proportional to its supply voltage, VCC . The following formula is used to derive the ratiometric change in 0 A output voltage, VIOUT(Q)RAT (%).
100
{[
(VIOUT_full-scale amperes -VIOUT(Q) ) 2 (VIOUT_half-scale amperes - VIOUT(Q))
[{
where VIOUT_full-scale amperes = the output voltage (V) when the sensed current approximates full-scale IP . Quiescent output voltage (VIOUT(Q)). The output of the sensor when the primary current is zero. For a unipolar supply voltage, it nominally remains at 0.1 x VCC. Thus, VCC = 5 V translates into VIOUT(Q) = 0.5 V. Variation in VIOUT(Q) can be attributed to the resolution of the Allegro linear IC quiescent voltage trim and thermal drift. Electrical offset voltage (VOE). The deviation of the device output from its ideal quiescent value of 0.1 x VCC due to nonmagnetic
VIOUT(Q)VCC / VIOUT(Q)5V VCC / 5 V
The ratiometric change in sensitivity, SensRAT (%), is defined as:
100
SensVCC / Sens5V VCC / 5 V
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
6
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Output Voltage versus Sensed Current
Accuracy at 0 A and at Full-Scale Current
Increasing VIOUT(V)
Accuracy Over Temp erature
Accuracy 25C Only Average VIOUT Accuracy Over Temp erature
Accuracy 25C Only
-IP (A)
30 A
+IP (A)
Full Scale
0A
Decreasing VIOUT(V)
Definitions of Dynamic Response Characteristics
Propagation delay (tPROP). The time required for the sensor output to reflect a change in the primary current signal. Propagation delay is attributed to inductive loading within the linear IC package, as well as in the inductive loop formed by the primary conductor geometry. Propagation delay can be considered as a fixed time offset and may be compensated.
I (%) 90 Primary Current
Transducer Output 0 Propagation Time, tPROP
t
Response time (tRESPONSE). The time interval between a) when the primary current signal reaches 90% of its final value, and b) when the sensor reaches 90% of its output corresponding to the applied current.
I (%) 90
Primary Current
Transducer Output 0 Response Time, tRESPONSE
t
Rise time (tr). The time interval between a) when the sensor reaches 10% of its full scale value, and b) when it reaches 90% of its full scale value. The rise time to a step response is used to derive the bandwidth of the current sensor, in which (-3 dB) = 0.35 / tr. Both tr and tRESPONSE are detrimentally affected by eddy current losses observed in the conductive IC ground plane.
I (%) 90
Primary Current
Transducer Output 10 0 Rise Time, tr
t
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
7
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Chopper Stabilization Technique This technique is made possible through the use of a BiCMOS Chopper Stabilization is an innovative circuit technique that is used to minimize the offset voltage of a Hall element and an asso- process that allows the use of low-offset and low-noise amplifiers in combination with high-density logic integration and sample ciated on-chip amplifier. Allegro patented a Chopper Stabilizaand hold circuits. tion technique that nearly eliminates Hall IC output drift induced by temperature or package stress effects. This offset reduction Regulator technique is based on a signal modulation-demodulation process. +5 V VS1 Modulation is used to separate the undesired dc offset signal from Clock/Logic the magnetically induced signal in the frequency domain. Then, CBYP Low-Pass using a low-pass filter, the modulated dc offset is suppressed Hall Element 0.1 F Filter 8 1 while the magnetically induced signal passes through the filter. VCC IP+ U1 7 VOUT 2 LMC6772 Amp As a result of this chopper stabilization approach, the output IP+ VIOUT VREF voltage from the Hall IC is desensitized to the effects of temperaACS713 IP1 ture and mechanical stress. This technique produces devices3that FILTER 6 IP- CF 4 have an extremely stable Electrical Offset Voltage, are immune to IP- 5 GND thermal stress, and have precise recoverability after temperature Q3 2N7002 cycling.
Q1 FDS6675a R1 100 k R3 10 k
Concept of Chopper Stabilization Technique
Typical Applications
+5 V CBYP 0.1 F
VS2
+5 V
+5 V
LOAD
R1 33 k R2 100 k VOUT 4 3 6 5 CF RPU 100 k IP2
1 2
IP+
VCC
8
CBYP CBYP 0.1 F 0.1 F
1
Fault 4 IP-
IP 3 4
ACS713 IP- FILTER IP- GND
+
GND
5 IP
2 U1 LMV7235 Q2 FDS6675a R2 100 k
D1 1N914
Q4 6 2N7002 IP- FILTER 4R4 IP- 10 k GND 5 3
ACS713
RF 1 k CF 0.01 F
Application . 10 A Overcurrent Fault Latch. Fault threshold set by R1 and R. This circuit latches an overcurrent fault and holds it until the 5 V rail is powered down.
VS1
Application 3. This configuration increases gain to 610 mV/A (tested using the ACS71ELC-05A).
+5 V CBYP 0.1 F U1 LMC6772 IP2 1 2 IP+ VCC IP+ VIOUT ACS713 3 4 Q3 2N7002 IP- FILTER IP- GND VS2 +5 V CBYP 0.1 F U2 LMC6772
1 2 IP1
IP+
VCC
8 7 VOUT
Application 4. Control circuit for MOSFET ORing.
3 4
IP- FILTER IP- GND
6 5 CF
Q1 FDS6675a R1 100 k
R3 10 k
-
ACS713
6 5 CF
Q2 FDS6675a R2 100 k LOAD
R4 10 k
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
-
VREF
+
IP+ VIOUT
VREF
+
-
2
IP+
VCC
IP+ VIOUT
7
3
-
5
IP- FILTER
6
1 VCC IP+ C 7 2F IP+ VIOUT
3
+
1
8
-
ACS713
VREF
+
IP+ VIOUT
7 VOUT
R1 100 k U2 LMC6772 8 R2 100 k 1 5 2 R3 3.3 k C1 1000 pF LM321 4 VOUT
8 7 VOUT
Sample and Hold
-
+
Q4 2N7002
8
ACS713
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Improving Sensing System Accuracy Using the FILTER Pin In low-frequency sensing applications, it is often advantageous to add a simple RC filter to the output of the sensor. Such a lowpass filter improves the signal-to-noise ratio, and therefore the resolution, of the sensor output signal. However, the addition of an RC filter to the output of a sensor IC can result in undesirable sensor output attenuation -- even for dc signals. Signal attenuation, VATT , is a result of the resistive divider effect between the resistance of the external filter, RF (see Application 5), and the input impedance and resistance of the customer interface circuit, RINTFC. The transfer function of this resistive divider is given by:
VATT = VIOUT
temperature. Therefore, signal attenuation will vary as a function of temperature. Note that, in many cases, the input impedance, RINTFC , of a typical analog-to-digital converter (ADC) can be as low as 10 k. The ACS713 contains an internal resistor, a FILTER pin connection to the printed circuit board, and an internal buffer amplifier. With this circuit architecture, users can implement a simple RC filter via the addition of a capacitor, CF (see Application 6) from the FILTER pin to ground. The buffer amplifier inside of the ACS713 (located after the internal resistor and FILTER pin connection) eliminates the attenuation caused by the resistive divider effect described in the equation for VATT. Therefore, the ACS713 device is ideal for use in high-accuracy applications that cannot afford the signal attenuation associated with the use of an external RC low-pass filter.
VCC Pin 8
RF + RINTFC
RINTFC
.
Even if RF and RINTFC are designed to match, the two individual resistance values will most likely drift by different amounts over
+5 V Pin 3 Pin 4 IP- IP-
Dynamic Offset Cancellation
Application 5. When a low pass filter is constructed externally to a standard Hall effect device, a resistive divider may exist between the filter resistor, RF, and the resistance of the customer interface circuit, RINTFC. This resistive divider will cause excessive attenuation, as given by the transfer function for VATT.
Allegro ACS706
Voltage Regulator To all subcircuits
VIOUT Pin 7
Resistive Divider
Input
Filter
0.1 F
Amp
Out
N.C. Pin 6
RF
Application Interface Circuit
Low Pass Filter
Gain Temperature Coefficient Trim Control Offset
CF
RINTFC
IP+ IP+ Pin 1 Pin 2
GND Pin 5
+5 V VCC Pin 8
Dynamic Offset Cancellation
Application 6. Using the FILTER pin provided on the ACS713 eliminates the attenuation effects of the resistor divider between RF and RINTFC, shown in Application 5.
Allegro ACS713
Hall Current Drive IP+ Pin 1 IP+ Pin 2
Sense Temperature Coefficient Trim
Buffer Amplifier and Resistor
Signal Recovery
VIOUT Pin 7
Input
IP- Pin 3 IP- Pin 4
Sense Trim 0 Ampere Offset Adjust
Application Interface Circuit
RINTFC
GND Pin 5
FILTER Pin 6
CF
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
9
ACS713
Package LC, 8-pin SOIC
Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
6.20 .244 5.80 .228 0.25 [.010] M B M 5.00 .197 4.80 .189 A B 8 0 0.25 .010 0.17 .007
8
Preliminary dimensions, for reference only Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only (reference JEDEC MS-012 AA) Dimensions exclusive of mold flash, gate burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown A Terminal #1 mark area
4.00 .157 3.80 .150 A 1.27 .050 0.40 .016
1
2 0.25 .010
8X 0.10 [.004] C 8X 0.51 .020 0.31 .012 0.25 [.010] M C A B 1.27 .050
SEATING PLANE 1.75 .069 1.35 .053 0.25 .010 0.10 .004
C
SEATING PLANE GAUGE PLANE
Package Branding
1 2 3 4
8 7 6 5
Text 1 Text 2 Text 3
Two alternative patterns are used
ACS713T RLCPPP YYWWA
ACS 713 T R LC PPP YY WW A
Allegro Current Sensor Device family number Indicator of 100% matte tin leadframe plating Operating ambient temperature range code Package type designator Primary sensed current Date code: Calendar year (last two digits) Date code: Calendar week Date code: Shift code
ACS713T RLCPPP L...L YYWW
ACS 713 T R LC PPP L...L YY WW
Allegro Current Sensor Device family number Indicator of 100% matte tin leadframe plating Operating ambient temperature range code Package type designator Primary sensed current Lot code Date code: Calendar year (last two digits) Date code: Calendar week
The products described herein are manufactured under one or more of the following U.S. patents: 5,045,920; 5,264,783; 5,442,283; 5,389,889; 5,581,179; 5,517,112; 5,619,137; 5,621,319; 5,650,719; 5,686,894; 5,694,038; 5,729,130; 5,917,320; and other patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability,
or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use. Copyright (c)2006, Allegro MicroSystems, Inc.
For the latest version of this document, go to our website at: www.allegromicro.com
Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com
10


▲Up To Search▲   

 
Price & Availability of ACS713ELCTR-30A-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X